Part Number Hot Search : 
SI5010 FA3687V N8253 FQB7N65C PLCC6 20FIB 4051B 1N5937B
Product Description
Full Text Search
  sdip Datasheet PDF File

For sdip Found Datasheets File :: 1066    Search Time::1.781ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    SDIP-38L

STMicroelectronics
Part No. sdip-38L
OCR Text sdip-38L molded Features 14 A, 600 V 3-phase IGBT inverter bridge including control ICs for gate driving and freewheeling diodes 3.3 V, 5 V, 15 V CMOS/TTL inputs comparators with hysteresis and pull down/pull up resistors Internal boo...
Description IGBT intelligent power module (IPM) 14 A, 600 V, DBC isolated sdip-38L molded

File Size 456.24K  /  21 Page

View it Online

Download Datasheet





    SC3004

Silan Microelectronics Joint-stock
Part No. SC3004
OCR Text ...i-phase Transmission Technique sdip-24-300-2.54 APPLICATIONS * Television * VCR * Audio Equipment * Multi-Media System * Personal Computer ORDERING INFORMATION Device SC3004 SC3004S package sdip-24-300-2.54 SOP-24-375-1.27 BLOCK...
Description INFRARED REMOTE CONTROL TRANSMITTER OF 3004 CODE FORMAT

File Size 184.96K  /  9 Page

View it Online

Download Datasheet

    M30201T-52SP

Renesas Electronics Corporation
Part No. M30201T-52SP
OCR Text sdip (for M30201 Group) Function The M30201T-52SP is a board for the M30201 Group to convert pod probe M30201T-PRB to 52-pin 1.778mm-pitch sdip (52P4B). Application Use the M30201T-52SP to insert it into the sdip socket on the target ...
Description Converter for Connecting Pod Probe M30201T-PRB to 52-pin 1.778mm-pitch sdip (for M30201 Group)

File Size 126.75K  /  1 Page

View it Online

Download Datasheet

    MTV412M MTV412MF128 MTV412MS128 MTV412MV128

MYSON TECHNOLOGY
ETC[ETC]
Part No. MTV412M MTV412MF128 MTV412MS128 MTV412MV128
OCR Text ...ode protection selection 42-pin sdip or 44-pin PLCC/PQFP package GENERAL DESCRIPTIONS The MTV412M micro-controller is an 8051 CPU core embedded device targeted for LCD Monitor, LCD TV or smart panel applications. It includes an 8051 CPU...
Description 8051 Embedded Monitor Controller 128K Flash Type with ISP

File Size 251.00K  /  26 Page

View it Online

Download Datasheet

    SC7751 SC7751S

Silan Microelectronics ...
Silan Microelectronics Joint-stock
Part No. SC7751 SC7751S
OCR Text ...urden resistance. SSOP-24 sdip-24 FEATURES * Single 5V supply, low power. * On-chip power supply monitoring. * On-chip reference with external overdrive capability. * Supplies average real power on the frequency outputs F1 and F2,...
Description ELECTRONIC POWER METER IC WITH ELECTRICITY PROOF

File Size 449.20K  /  9 Page

View it Online

Download Datasheet

    SC7755 SC7755S

Silan Microelectronics ...
Silan Microelectronics Joint-stock
Part No. SC7755 SC7755S
OCR Text ...SC7755 Package SSOP-24-300-0.65 sdip-24-300-2.54 sdip-24 SSOP-24 FEATURES * Single 5V supply, low power. * On-chip power supply monitoring. * On-chip reference with external overdrive capability. * Supplies average real power on the fr...
Description ELECTRICITY POWER METER CIRCUIT

File Size 475.16K  /  9 Page

View it Online

Download Datasheet

    CXA1518Q CXA1518S

SONY[Sony Corporation]
Part No. CXA1518Q CXA1518S
OCR Text ...n QFP (Plastic) CXA1518S 22 pin sdip (Plastic) Absolute Maximum Ratings (Ta=25 C) [Pin numbers shown are for the CXA1518S.] * Supply voltage VCC 10 * Input signal (Pin 6) VIS 0.6 * Control voltage (Pins 12, 13, 14) VIC VCC * Operating te...
Description EIAJ Sound Multiplexing Decoder

File Size 270.05K  /  20 Page

View it Online

Download Datasheet

    CXA1560S CXA1561M CXA1561S CXA1562M CXA1562S

http://
SONY[Sony Corporation]
Part No. CXA1560S CXA1561M CXA1561S CXA1562M CXA1562S
OCR Text ...all package (24-pin SOP, 22-pin sdip) * Low current consumption 13mA Typ. (power supply 6V) Structure Bipolar silicon monolithic IC Absolute Maximum Ratings (Ta = 25C) 17 * Supply voltage Vcc - VEE * Operating temperature Topr -40 to +85 * ...
Description Dolby B-C Type Noise Reduction System

File Size 345.48K  /  18 Page

View it Online

Download Datasheet

    CXA1563M CXA1563S

http://
SONY[Sony Corporation]
Part No. CXA1563M CXA1563S
OCR Text ...all package (28-pin SOP, 28-pin sdip) * Low current consumption 13mA Typ. (power supply 6V) * Dual channel processors Structure Bipolar silicon monolithic IC Absolute Maximum Ratings * Supply voltage * Operating temperature * Storage temper...
Description Dolby B-C Type Noise Reduction System with Built-in S type Switch

File Size 303.10K  /  15 Page

View it Online

Download Datasheet

    Samsung Electronic
Part No. S3C7538
OCR Text ...35 pins of the available 42-pin sdip or 44-pin qfp package for the s3c7524/c7528, and up to 23 pins of the available 30-pin sdip or 32-pin sop package for the s3c7534/c7538 can be assign to i/o. six vectored interrupts for s3c7524/c7528 a...
Description Single-Chip CMOS Microcontrollers

File Size 257.46K  /  34 Page

View it Online

Download Datasheet

For sdip Found Datasheets File :: 1066    Search Time::1.781ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of sdip

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.7502219676971